Part Number Hot Search : 
RF3604D P1200A07 TW9960 P120NF10 U33M100 10112ZL 52E2410 PN4303
Product Description
Full Text Search
 

To Download TEM03-05D12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APPLICATIONS Wireless Network Telecom/Datacom Industry Control System Measurement Equipment Semiconductor Equipment
FEATURES * 3 WATTS MAXIMUM OUTPUT POWER * OUTPUT CURRENT UP TO 600mA * PACKAGE, 1.12 x 0.81 x 0.33 INCH * HIGH EFFICIENCY UP TO 82% * 2:1 WIDE INPUT VOLTAGE RANGE * FIVE-SIDED SHIELD * SWITCHING FREQENCY 100K TO 1500KHz. * NO EXTERNAL INPUT AND OUTPUT CAPACITOR NEEDED * LOW RIPPLE & NOISE * OVER CURRENT PROTECTION * SHORT CIRCUIT PROTECTION * LONG LIFE WITHOUT ELECTROLYTIC CAPACITOR * CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108//EC * DESIGN MEETS J60950-1, UL60950-1, EN60950-1 AND IEC60950-1 * ISO9001 CERTIFIED MANUFACTURING FACILITIES * COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC DESCRIPTION The TEM03 series offer 3 watts of output power from a 1.12 x 0.81 x 0.33 inch package without derating to 50C and without external input/output capacitor. The TEM03 series with 2:1 wide input voltage of 4.5-9, 9-18, 18-36 and 36-75VDC and features 500VAC of isolation, short-circuit protection.
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Maximum output power
All specifications are typical at nominal input, full load and 25C otherwise noted
INPUT SPECIFICATIONS
3 Watts Input voltage range Input filter Input surge voltage 100mS max 5V nominal input 12V nominal input 24V nominal input 48V nominal input 5V nominal input 12V nominal input 24V nominal input 48V nominal input 4.5 - 9VDC 9 - 18VDC 18 - 36VDC 36 - 75VDC L-C filter 15VDC 36VDC 50VDC 100VDC -25C ~ +85C (with derating) 100C -55C ~ +105C Nature convection MIL-STD-810F At no operation, 10~55~10Hz (sweep for 15min.) amplitude 1.5mm constant (maximum 9G X, Y, Z 2hrs each) 20% to 95% RH 20% to 95% RH
Voltage accuracy Full load and nominal Vin 1% Minimum load 0% Line regulation LL to HL at Full Load 0.2% Load regulation No load to Full load 0.5% Ripple and noise 50MHz bandwidth See table Maximum temperature drift 0.02% / C Transient response recovery time 25% load step change 500S, typ. Short circuit protection Continuous, automatics recovery Over current protection 170%, typ.
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature Maximum case temperature Storage temperature range Cooling Thermal shock Vibration
OUTPUT VOLTAGE ADJUSTMENT TERMINAL(Vset )
Model number XXS33 XXS05 XXS12 XXD12 Model number XXS33 XXS05 XXS12 XXD12 Efficiency Isolation voltage Isolation resistance Isolation capacitance Safety standard pending Switching frequency Case material Base material Weight Dimension MTBF (Note 1) Input to Output Input (Output) to Case Input to Output Input (Output) to Case Open 3.3V 5V 12V 12V Open 3.3V 5V 12V 12V -Vout shorted 3.67V 6V 15V 15V -Vout connected with resistance (7) 3.3 to 3.67V (8-1) 5 to 6V (8-3) 12 to 15V (8-5) 12 to 15V (8-6)
(Note 6)
+Vout shorted 2.84V 4.3V +Vout connected with resistance (7) 3.3 to 2.84V (8-2) 5 to 4.3V (8-4) See table 500 Vac 500VDC 50M ohms
Operating humidity range Storage humidity range
GENERAL SPECIFICATIONS
EMC CHARACTERISTICS
EMI (Note 9) EN55022 Class A
300 pF, max. IEC60950-1, J60950-1, UL60950-1, EN60950-1 Full load to No load 100K to 1500K Hz Metal case None 11.5g (0.41oz) 1.12 x 0.81 x 0.33 Inch (28.5 x 20.5 x 8.5 mm) 6 BELLCORE TR-NWT-000332 4.248 x 10 hrs 6 MIL-HDBK-217F 4.941 x 10 hrs
Page 1 of 3
Issued Date2008/01/25
Model Number
Input Range
Output Current Output Output Output (2) Voltage Voltage Range Min. load Full load Ripple&Noise
2.84 - 3.67 VDC 4.3 - 6 VDC 12 - 15 VDC 12 - 15 VDC 2.84 - 3.67 VDC 4.3 - 6 VDC 12 - 15 VDC 12 - 15 VDC 2.84 - 3.67 VDC 4.3 - 6 VDC 12 - 15 VDC 12 - 15 VDC 2.84 - 3.67 VDC 4.3 - 6 VDC 12 - 15 VDC 12 - 15 VDC 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 600mA 600mA 250mA 125mA 600mA 600mA 250mA 125mA 600mA 600mA 250mA 125mA 600mA 600mA 250mA 125mA 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 75mVp-p 5 VDC 12 VDC 3.3 VDC 5 VDC 12 VDC
Input Current
No Load 50mA 60mA 55mA 50mA 40mA 55mA 55mA 60mA 10mA 10mA 15mA 30mA 5mA 5mA 15mA 10mA
(3)
Full Load 591mA 857mA 811mA 779mA 232mA 333mA 325mA 328mA 116mA 166mA 162mA 160mA 58mA 83mA 80mA 80mA
(2)
(5) Eff (4) Capacitor (%) Load max
TEM03-05S33 4.5 - 9 VDC 3.3 VDC TEM03-05S05 4.5 - 9 VDC TEM03-05S12 4.5 - 9 VDC TEM03-12S33 9 - 18 VDC TEM03-12S05 9 - 18 VDC TEM03-12S12 9 - 18 VDC
71 74 78 81 75 79 81 80 75 79 81 82 75 79 82 82
3300F 1500F 700F 250F 3300F 1500F 700F 250F 3300F 1500F 700F 250F 3300F 1500F 700F 250F
TEM03-05D12 4.5 - 9 VDC 12 VDC
TEM03-12D12 9 - 18 VDC 12 VDC TEM03-24S33 18 - 36 VDC 3.3 VDC TEM03-24S05 18 - 36 VDC 5 VDC TEM03-24S12 18 - 36 VDC 12 VDC TEM03-24D12 18 - 36 VDC 12 VDC TEM03-48S33 36 - 75 VDC 3.3 VDC TEM03-48S05 36 - 75 VDC 5 VDC TEM03-48S12 36 - 75 VDC 12 VDC TEM03-48D12 36 - 75 VDC 12 VDC
Note:
1. BELLCORE TR-NWT-000332. Case 1:50% Stress, temperature at 40C. MIL-HDBK-217F Notice2 @Ta=25 C, Full load(Ground, Benign, controlled environment). 2. Maximum value at nominal input voltage and full load. 3. Typical value at nominal input voltage and no load. 4. Typical value at nominal input voltage and full load. 5. Test by minimum Vin and constant resistive load. 6. The following output voltage can be obtained by connecting this terminal to an output + or - terminal. Unless the output voltage is adjusted, this terminal should be open. 7. In addition, the voltage can be adjusted not by shorting these terminals, but by connecting them to resistances as shown below. 8. Arithmetic expression connected resistance: R ( K ) 8-1 Vo=(3.3*R+36.7)/(R+10) 8-2 Vo=(3.3*R+36.7)/(R+12.92) 8-3 Vo=2.5*[2+2.7/(R+6.8)] 8-4 Vo=2.5*[2-2.7/(R+9.5)] 8-5 Vo=2.5+9.5(R+10.9)/(R+8.2) [Between two outputs] 8-6 Vo=2.5+22*(R+12.7)/(R+10) [Between two outputs] 9. The TEM03 series can meet EN55022 Class A with parallel an external capacitor to the input pins. Recommend : 05Vin : 10F/25V 1210 MLCC 12Vin : 4.7F/25V 1210 MLCC 24Vin : 3.3F/50V 1210 MLCC 48Vin : 1.5F/100V 1812 MLCC
OUTPUT POWER (%)
TEM03-48S05 Derating Curve
120 100 80 60 40 20 0
-25
0
25
50
75
82
100
AMBIENT TEMPERATURE()
85
TEM03-48S05 Efficiency VS Input Voltage
EFFICIENCY(%)
36 40 44 48 52 56 60 64 68 72
83 81 79 77 75 73
95 90 85 80 75 70 65 60 55 50 45
TEM03-48S05 Efficiency VS Output Load
EFFICIENCY(%)
10
20
30
40
50
60
70
80
90
100
INPUT VOLTAGE (V)
OUTPUT LOAD (% of Full Load)
Page 2 of 3
Issued Date2008/01/25
Recommended Filter for EN55022 Class B Compliance The components used in the above figure, together with the manufacturers' part numbers for these components, are as follows:
C1 TEM03 -05XXX TEM03 -12XXX TEM03 -24XXX
1. All dimensions in Inches (mm) Tolerance: X.XX0.02 (X.X0.5) X.XXX0.01 (X.XX0.25) 2. Pin pitch tolerance 0.01(0.25) 3. Pin dimension tolerance 0.004 (0.1)
C2 N/A N/A N/A 2.2F/100V 1812 MLCC
22F/10V 1210 MLCC 22F/25V 1812 MLCC 3.3F/50V 1812 MLCC 2.2F/100V 1812 MLCC
TEM03 -48XXX
PIN CONNECTION
PIN 1 2 3 4 5 6 7 8 9 10 SINGLE + INPUT - INPUT NC - OUTPUT Vset + OUTPUT CASE CASE CASE STAND OFF CASE STAND OFF DUAL + INPUT - INPUT - OUTPUT COMMON Vset + OUTPUT CASE CASE CASE STAND OFF CASE STAND OFF
Recommended EN55022 Class B Filter Circuit Layout
EXTERNAL OUTPUT TRIMMING
Output voltage setting can be externally trimmed by using the method shown below. ( ) for dual output trim
TRIM UP TRIM DOWN
4(3)
5(5)
RU
5(5) 6(6)
RD
Page 3 of 3
Issued Date2008/01/25


▲Up To Search▲   

 
Price & Availability of TEM03-05D12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X